| データシートサーチシステム |
|
L99PM72PXP データシート(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM72PXP データシート(HTML) 92 Page - STMicroelectronics |
|
92 / 128 page ![]() ST SPI L99PM72PXP 92/128 Doc ID 023553 Rev 3 Table 79. Control register 1, bits Bit Name Comment 15 OUTHS Select mode of OUTHS 14 OUTHS_EXT OUTHS_2 OUTHS_1 Mode 00 0 HS off Active and standby mode 00 1 HS cyclic on with timer 1 0 1 0 HS controlled by PWM4 01 1 HS cyclic on with Timer 2 11 0 PWM3 1x 1 HS on 13 OUT4 Select mode of OUT4 12 OUT4_2 OUT4_1 Mode 00 HS off Active and standby mode 01 HS on 10 HS controlled by PWM4 11 HS cyclic on with Timer 2 11 OUTHS_EXT Extended function of OUTHS; see OUTHS 10 OUT3 Select mode of OUT3 OUT3 Mode 0 Select FSO Active and standby mode 1 Select PWM3 |