| データシートサーチシステム |
|
L99PM72PXP データシート(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM72PXP データシート(HTML) 104 Page - STMicroelectronics |
|
104 / 128 page ![]() ST SPI L99PM72PXP 104/128 Doc ID 023553 Rev 3 6.2.9 Control Register 7 Table 95. Control register 7: command and data bytes Command byte 1st data byte 2nd data byte Read/write Address x x 0 0 0 1 1 1 Data, 8bit Data, 8 bit Table 96. Control register 7, data bytes 1st data byte <15:8> 2nd data byte <7:0> Defaults 0000 0000 00000 000 Function Group Selective Wakeup Settings Table 97. Control register 7, bits Bit Name Comment 15 EXT_ID_15 Extended CAN Identifier Definition of which Extended CAN Identifier will wake up To run matching on Extended CAN Identifier also CAN IDE (Control Register 9 must be set) 14 EXT_ID_14 13 EXT_ID_13 12 EXT_ID_12 11 EXT_ID_11 10 EXT_ID_10 9 EXT_ID_9 8 EXT_ID_8 7 EXT_ID_7 6 EXT_ID_6 5 EXT_ID_5 4 EXT_ID_4 3 EXT_ID_3 2 EXT_ID_2 1 EXT_ID_1 0 EXT_ID_0 |