データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9907 データシート(PDF) 47 Page - STMicroelectronics

部品番号 L9907
部品情報  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 データシート(HTML) 47 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 41Page - STMicroelectronics L9907 Datasheet HTML 42Page - STMicroelectronics L9907 Datasheet HTML 43Page - STMicroelectronics L9907 Datasheet HTML 44Page - STMicroelectronics L9907 Datasheet HTML 45Page - STMicroelectronics L9907 Datasheet HTML 46Page - STMicroelectronics L9907 Datasheet HTML 47Page - STMicroelectronics L9907 Datasheet HTML 48Page - STMicroelectronics L9907 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
DS11800 Rev 5
47/49
L9907
Package information
48
6.1.1
TQFP64 exposed pad dimensions for L9907
E2
-
4.50
-
-
0.1772
-
Option B
D2
-
6.0
-
-
0.2362
-
E2
-
6.0
-
-
0.2362
-
1. Values in mm are converted into inches and rounded to 4 decimal digits.
2. Dimensions D1 and E1 do not include mold flash or protrusions.
Allowable mold flash or protrusion is “0.25 mm” per side.
Table 38. TQFP64 (10x10x1 mm exp. pad down) package mechanical data (continued)
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
Table 39. TQFP64 exposed pad dimensions for L9907
Ref
Millimeters
Inches(1)
1. Values in mm are converted into inches and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
D2
5.85
6.0
6.15
0.2303
0.2362
0.2421
E2
5.85
6.0
6.15
0.2303
0.2362
0.2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49