| データシートサーチシステム |
|
L99DZ80EP データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ80EP データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 68 page ![]() Functional description of the SPI L99DZ80EP 46/68 DocID18260 Rev 6 This 8-bit register indicates the SPI frame length (24 bit) and the availability of additional features. Each communication frame consists of a command byte, which is followed by two data bytes. The data returned on DO within the same frame always starts with the <Global Status> Byte. It provides general status information about the device. It is followed by two data bytes (i. e. ‘In-frame-response’). For write cycles the <Global Status> Byte is followed by the previous content of the addressed register. Figure 22. Write and read SPI |