データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ80EP データシート(PDF) 40 Page - STMicroelectronics

部品番号 L99DZ80EP
部品情報  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP データシート(HTML) 40 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 36Page - STMicroelectronics L99DZ80EP Datasheet HTML 37Page - STMicroelectronics L99DZ80EP Datasheet HTML 38Page - STMicroelectronics L99DZ80EP Datasheet HTML 39Page - STMicroelectronics L99DZ80EP Datasheet HTML 40Page - STMicroelectronics L99DZ80EP Datasheet HTML 41Page - STMicroelectronics L99DZ80EP Datasheet HTML 42Page - STMicroelectronics L99DZ80EP Datasheet HTML 43Page - STMicroelectronics L99DZ80EP Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
Application information
L99DZ80EP
40/68
DocID18260 Rev 6
the bridge a voltage of 2/3 VS on the pull-up high-side and 1/3 VS on the low side is
expected, if they drive a low-resistive inductive load (e.g. motor). If the drain source voltage
on each of these Power-MOS is less than 1/6 VS, the drain-source monitor bit of the
associated driver is set.
In case of a short to ground the drain-source monitor bits of both low-side gate drivers are
set. A short to VS can be diagnosed by setting the “H-Bridge OL high threshold (H-OLTH
HIGH)” bit to one.
Figure 16. H-bridge open-load detection (no open-load detected)
Figure 17. H-bridge open-load detection (open-load detected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68