データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99DZ81EP データシート(PDF) 20 Page - STMicroelectronics

部品番号 L99DZ81EP
部品情報  Door actuator driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ81EP データシート(HTML) 20 Page - STMicroelectronics

Back Button L99DZ81EP Datasheet HTML 16Page - STMicroelectronics L99DZ81EP Datasheet HTML 17Page - STMicroelectronics L99DZ81EP Datasheet HTML 18Page - STMicroelectronics L99DZ81EP Datasheet HTML 19Page - STMicroelectronics L99DZ81EP Datasheet HTML 20Page - STMicroelectronics L99DZ81EP Datasheet HTML 21Page - STMicroelectronics L99DZ81EP Datasheet HTML 22Page - STMicroelectronics L99DZ81EP Datasheet HTML 23Page - STMicroelectronics L99DZ81EP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Electrical specifications
L99DZ81EP
20/62
DocID023145 Rev 2
2.7
H-bridge driver
Table 15. Gate drivers for the external Power-MOS (H-bridge)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Drivers for external high-side Power-MOS
IGHx(Ch)
Average charge current
(charge stage)
Tj =25°C
0.3
A
RGHx
On-resistance (discharge-
stage)
VSHx =0V; IGHx =50mA;
Tj =25°C
46
8
VSHx =0V; IGHx =50mA;
Tj =125 °C
810
VGHxH
Gate-on voltage
Outputs floating
VSHx +
8
VSHx +
10
VSHx +
11.5
V
RGSHx
Passive gate-clamp
resistance
VGHx =0.5 V
15
k
Drivers for external low-side Power-MOS
IGLx(Ch)
Average charge-current
(charge stage)
Tj =25°C
0.3
A
RGLx
On-resistance (discharge-
stage)
VSLx =0V; IGHx =50mA;
Tj =25°C
46
8
VSLx =0V; IGHx =50mA;
Tj =125 °C
810
VGHLx
Gate-on voltage
Outputs floating
VSLx +
8
VSLx +
10
VSLx +
11.5
V
RGSLx
Passive gate-clamp
resistance
15
k
Table 16. Gate drivers for the external Power-MOS switching times
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit
TG(HL)xHL
Propagation delay time high to
low (switch mode)(1)
VS = 13.5 V; VSHx =0;
RG =0 ; CG =2.7 nF
1.5
µs
TG(HL)xLH
Propagation delay time low to
high (switch mode)(1)
VS = 13.5 V; VSLx =0;
RG =0 ; CG =2.7 nF
1.5
µs
IGHxrmax
Maximum charge current
(current mode)
VS = 13.5 V; VSHx =0;
VGHx =1 V;
SLEW < 4:0
 1F
H
24.5
31
38.5
mA
IGHxfmax
Maximum discharge current
(current mode)
VS = 13.5 V; VSHx =0;
VGHx =2 V;
SLEW < 4:0
 1F
H
18.5
25
33
mA
dIIGHxr
Charge current accuracy
VS = 13.5 V; VSHx =0;
VGHx =1V
See Figure 6
dIIGHxf
Discharge current accuracy
VS = 13.5 V; VSHx =0;
VGHx =2 V
See Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com