| データシートサーチシステム |
|
L99DZ81EP データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ81EP データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 62 page ![]() DocID023145 Rev 2 39/62 L99DZ81EP Application information 61 Figure 18. H-bridge open-load detection (short to ground detected) Figure 19. H-bridge open-load detection with H-OLTH HIGH = ‘1’ (short to VS detected) 3.20 Programmable cross current protection Both external MOSFET transistors in one half-bridge are disabled for the cross-current protection time (tCCP) after one MOSFET inside this halfbridge is switched off to prevent current flowing from the high-side to the low-side MOSFET. The cross current protection time tCCP can be programmed by SPI using bits COPT<3:0>. |