| データシートサーチシステム |
|
GD32H757VMT7 データシート(PDF) 20 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD32H757VMT7 データシート(HTML) 20 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
20 / 151 page ![]() GD32H757xx Datasheet 19 Pre-defined Regions Bus Address Peripherals 0x4002 0800 - 0x4002 0BFF DMAMUX 0x4002 0400 - 0x4002 07FF DMA1 0x4002 0000 - 0x4002 03FF DMA0 APB2 0x4001 F400 - 0x4001 FFFF Reserved 0x4001 F000 - 0x4001 F3FF TIMER44 0x4001 DC00 - 0x4001 DFFF TIMER43 0x4001 D800 - 0x4001 DBFF TIMER42 0x4001 D400 - 0x4001 D7FF TIMER41 0x4001 D000 - 0x4001 D3FF TIMER40 0x4001 C000 - 0x4001 CFFF CAN2(4KB) 0x4001 B000 - 0x4001 BFFF CAN1(4KB) 0x4001 A000 - 0x4001 AFFF CAN0(4KB) 0x4001 8C00 - 0x4001 9FFF Reserved 0x4001 8800 - 0x4001 8BFF EDOUT 0x4001 8400 - 0x4001 87FF TRIGSEL 0x4001 8000 - 0x4001 83FF Reserved(APB2) 0x4001 7C00 - 0x4001 7FFF Reserved 0x4001 7800 - 0x4001 7BFF Reserved 0x4001 7400 - 0x4001 77FF Reserved 0x4001 7000 - 0x4001 73FF HPDF 0x4001 6C00 - 0x4001 6FFF Reserved 0x4001 6800 - 0x4001 6BFF Reserved 0x4001 6400 - 0x4001 67FF Reserved 0x4001 6000 - 0x4001 63FF SAI2 0x4001 5C00 - 0x4001 5FFF SAI1 0x4001 5800 - 0x4001 5BFF SAI0 0x4001 5400 - 0x4001 57FF Reserved 0x4001 5000 - 0x4001 53FF SPI4 0x4001 4C00 - 0x4001 4FFF Reserved 0x4001 4800 - 0x4001 4BFF TIMER16 0x4001 4400 - 0x4001 47FF TIMER15 0x4001 4000 - 0x4001 43FF TIMER14 0x4001 3C00 - 0x4001 3FFF Reserved 0x4001 3800 - 0x4001 3BFF SPI5/I2S5 0x4001 3400 - 0x4001 37FF SPI3 0x4001 3000 - 0x4001 33FF SPI0/I2S0 0x4001 2C00 - 0x4001 2FFF ADC2 0x4001 2800 - 0x4001 2BFF ADC1 0x4001 2400 - 0x4001 27FF ADC0 0x4001 2000 - 0x4001 23FF Reserved |