データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD32H757VMT7 データシート(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD32H757VMT7
部品情報  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 データシート(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 151 page
background image
GD32H757xx Datasheet
55
Pin Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
PA15
JTDI
TIMER1_CH0
/TIMER1_ETI
SPI0_N
SS/I2S0
_WS
SPI2_NSS/I2
S2_WS
SPI5_NSS
/I2S5_WS
UART3_R
TS/UART3
_DE
TLI_R3
UART6_TX
MDIO_A
0
TRIGSEL_
OUT0
TLI_B6
EVENTOUT
Table 2-7. Port B alternate functions summary
Pin Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
PB0
TIMER0_
MCH1
TIMER2_C
H2
TIMER7_
MCH1
OSPIM_P
0_IO1
HPDF_CK
OUT
UART3_
CTS
TLI_R3
USBHS0_
ULPI_D1
MDIO_A
1
TRIGSEL_
OUT3
TLI_G1
EVENTOUT
PB1
TIMER0_
MCH2
TIMER2_C
H3
TIMER7_
MCH2
OSPIM_P
0_IO0
HPDF_DA
TAIN1
TLI_R6
USBHS0_
ULPI_D2
MDIO_A
2
TRIGSEL_
OUT4
TLI_G0
EVENTOUT
PB2
RTC_OUT
SAI2_DAT
0(1)
SAI0_DAT
0
EXMC_D1
0
HPDF_CKI
N1
SAI0_SD0
SPI2_MOSI
/I2S2_SD
SAI2_SD
0(1)
OSPIM_P
0_SCK
EXMC_NCE
MDIO_A
3
TIMER22_
ETI
EVENTOUT
PB3
JTDO/TRA
CESWO
TIMER1_C
H1
TLI_PIXCL
K
SPI0_SCK
/I2S0_CK
SPI2_SCK
/I2S2_CK
SPI5_SC
K/I2S5_C
K
SDIO1_D2
CTC_SYN
C
UART6_RX
MDIO_A
4
TRIGSEL_
OUT7
TIMER2
3_ETI
EVENTOUT
PB4
NJTRST
TIMER15_
BRKIN0
TIMER2_C
H0
SPI0_MIS
O
SPI2_MIS
O
SPI1_NSS/I
2S1_WS
SPI5_MI
SO
SDIO1_D3
UART6_TX
TRIGSEL_
OUT6
EVENTOUT
PB5
TIMER16_
BRKIN0
TIMER2_C
H1
TLI_B5
I2C0_SMB
A
SPI0_MO
SI/
I2S0_SD
I2C3_SMB
A
SPI2_MOSI
/I2S2_SD
SPI5_MO
SI/I2S5_
SD
CAN1_RX
USBHS0_
ULPI_D7
ETH0_PPS_
OUT
EXMC_S
DCKE1
DCI_D10
UART4_
RX
EVENTOUT
PB6
TIMER15_
MCH0
TIMER3_C
H0
EXMC_D1
1
I2C0_SCL
I2C3_SCL
USART0_T
X
CAN1_TX
OSPIM_P
0_CSN
HPDF_DAT
AIN5
EXMC_S
DNE1
DCI_D5
UART4_
TX
EVENTOUT
PB7
TIMER16_
MCH0
TIMER3_C
H1
I2C0_SDA
I2C3_SDA
USART0_R
X
HPDF_CKIN
5
EXMC_N
L/EXMC
_NADV,
DCI_VSY
NC
EVENTOUT
PB8
TIMER15_
CH0
TIMER3_C
H2
HPDF_CKI
N7
I2C0_SCL
I2C3_SCL
SDIO0_CKI
N
UART3_
RX
CAN0_RX SDIO1_D4
SDIO0_
D4
DCI_D6
TLI_B6
EVENTOUT
PB9
TIMER16_
CH0
TIMER3_C
H3
HPDF_DA
TAIN7
I2C0_SDA
SPI1_NSS
/I2S1_WS
I2C3_SDA
SDIO0_CM
DDIR
UART3_T
X
CAN0_TX SDIO1_D5 I2C3_SMBA
SDIO0_
D5
DCI_D7
TLI_B7
EVENTOUT
PB10
TIMER1_C
H2
I2C1_SCL
SPI1_SCK
/I2S1_CK
HPDF_DA
TAIN7
USART2_T
X
OSPIM_P
0_CSN
USBHS0_
ULPI_D3
TRIGSEL_
OUT2
TLI_G4
EVENTOUT
PB11
TIMER1_C
H3
I2C1_SDA
HPDF_CKI
N7
USART2_R
X
USBHS0_
ULPI_D4
ETH0_RMII
_TX_EN
TLI_G5
EVENTOUT
PB12
TIMER0_B
RKIN0
I2C1_SMB
A
SPI1_NSS
/I2S1_WS
HPDF_DA
TAIN1
USART2_C
K
CAN1_RX
USBHS0_
ULPI_D5
ETH0_RMII
_TXD0
OSPIM_
P0_IO0
CMP_MU
X_OUT2
UART4_
RX
EVENTOUT
PB13
RTC_REFI
N
TIMER0_
MCH0
OSPIM_P
0_IO2
SPI1_SCK
/I2S1_CK
HPDF_CKI
N1
USART2_C
TS
CAN1_TX
USBHS0_
ULPI_D6
ETH0_RMII
_TXD1
SDIO0_
D0
DCI_D2
UART4_
TX
EVENTOUT
PB14
TIMER0_
MCH1
TIMER7_
MCH1
USART0_
TX
SPI1_MIS
O
HPDF_DA
TAIN2
USART2_R
TS/USART
2_DE
UART3_
RTS/UAR
T3_DE
SDIO1_D0
EXMC_D
10
TRIGSEL_
OUT1
TLI_CL
K
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More