| データシートサーチシステム |
|
GD32H757VMT7 データシート(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD32H757VMT7 データシート(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
21 / 151 page ![]() GD32H757xx Datasheet 20 Pre-defined Regions Bus Address Peripherals 0x4001 1C00 - 0x4001 1FFF Reserved 0x4001 1800 - 0x4001 1BFF Reserved 0x4001 1400 - 0x4001 17FF USART5 0x4001 1000 - 0x4001 13FF USART0 0x4001 0C00 - 0x4001 0FFF Reserved 0x4001 0800 - 0x4001 0BFF Reserved 0x4001 0400 - 0x4001 07FF TIMER7 0x4001 0000 - 0x4001 03FF TIMER0 APB1 0x4000 F800 - 0x4000 FFFF Reserved 0x4000 F400 - 0x4000 F7FF TIMER51 0x4000 F000 - 0x4000 F3FF TIMER50 0x4000 EC00 - 0x4000 EFFF TIMER31 0x4000 E800 - 0x4000 EBFF TIMER30 0x4000 E400 - 0x4000 E7FF TIMER23 0x4000 E000 - 0x4000 E3FF TIMER22 0x4000 DC00 - 0x4000 DFFF Reserved 0x4000 D800 - 0x4000 DBFF Reserved 0x4000 D400 - 0x4000 D7FF Reserved 0x4000 D000 - 0x4000 D3FF Reserved 0x4000 CC00 - 0x4000 CFFF Reserved 0x4000 C800 - 0x4000 CBFF Reserved 0x4000 C400 - 0x4000 C7FF Reserved 0x4000 C000 - 0x4000 C3FF I2C2 0x4000 9800 - 0x4000 BFFF Reserved 0x4000 9400 - 0x4000 97FF MDIO 0x4000 8800 - 0x4000 93FF Reserved 0x4000 8400 - 0x4000 87FF CTC 0x4000 8000 - 0x4000 83FF Reserved 0x4000 7C00 - 0x4000 7FFF UART7 0x4000 7800 - 0x4000 7BFF UART6 0x4000 7400 - 0x4000 77FF DAC0/DAC1 0x4000 7000 - 0x4000 73FF Reserved 0x4000 6C00 - 0x4000 6FFF Reserved 0x4000 6800 - 0x4000 6BFF Reserved 0x4000 6400 - 0x4000 67FF Reserved 0x4000 6000 - 0x4000 63FF Reserved 0x4000 5C00 - 0x4000 5FFF I2C3 0x4000 5800 - 0x4000 5BFF I2C1 0x4000 5400 - 0x4000 57FF I2C0 0x4000 5000 - 0x4000 53FF UART4 |