データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L462CEY3 データシート(PDF) 59 Page - STMicroelectronics

部品番号 STM32L462CEY3
部品情報  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEY3 データシート(HTML) 59 Page - STMicroelectronics

Back Button STM32L462CEY3 Datasheet HTML 55Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 56Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 57Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 58Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 59Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 60Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 61Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 62Page - STMicroelectronics STM32L462CEY3 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 198 page
background image
DocID029969 Rev 1
59/198
STM32L462CE STM32L462RE STM32L462VE
Pinouts and pin description
80
-H7 19 D2 28
H3
VDD
S
-
-
-
-
14 G6 20 H3 29
M3
PA4
I/O
TT_a
-
SPI1_NSS, SPI3_NSS,
USART2_CK, SAI1_FS_B,
LPTIM2_OUT, EVENTOUT
COMP1_INM,
COMP2_INM,
ADC1_IN9, DAC1_OUT1
15 F5 21 F4
30
K4
PA5
I/O
TT_a
-
TIM2_CH1, TIM2_ETR,
SPI1_SCK,
DFSDM1_CKOUT,
LPTIM2_ETR, EVENTOUT
COMP1_INM,
COMP2_INM,
ADC1_IN10
16 H6 22 G4 31
L4
PA6
I/O
FT_a
-
TIM1_BKIN, TIM3_CH1,
SPI1_MISO, COMP1_OUT,
USART3_CTS,
LPUART1_CTS,
QUADSPI_BK1_IO3,
TIM1_BKIN_COMP2,
TIM16_CH1, EVENTOUT
ADC1_IN11
17 E5 23 H4 32
M4
PA7
I/O
FT_fa (3)
TIM1_CH1N, TIM3_CH2,
I2C3_SCL, SPI1_MOSI,
DFSDM1_DATIN0,
QUADSPI_BK1_IO2,
COMP2_OUT, EVENTOUT
ADC1_IN12
-
E4 24 H5 33
K5
PC4
I/O
FT_a
-
USART3_TX, EVENTOUT
COMP1_INM,
ADC1_IN13
-
G5 25 H6 34
L5
PC5
I/O
FT_a
-
USART3_RX, EVENTOUT
COMP1_INP,
ADC1_IN14, WKUP5
18 H5 26 F5
35
M5
PB0
I/O
FT_a
-
TIM1_CH2N, TIM3_CH3,
SPI1_NSS,
DFSDM1_CKIN0,
USART3_CK,
QUADSPI_BK1_IO1,
COMP1_OUT,
SAI1_EXTCLK,
EVENTOUT
ADC1_IN15
19 F4 27 G5 36
M6
PB1
I/O
FT_a
-
TIM1_CH3N, TIM3_CH4,
DFSDM1_DATIN0,
USART3_RTS_DE,
LPUART1_RTS_DE,
QUADSPI_BK1_IO0,
LPTIM2_IN1, EVENTOUT
COMP1_INM,
ADC1_IN16
20 G4 28 G6 37
L6
PB2
I/O
FT_a
-
RTC_OUT, LPTIM1_OUT,
I2C3_SMBA,
DFSDM1_CKIN0,
EVENTOUT
COMP1_INP
Table 13. STM32L462xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More