| データシートサーチシステム |
|
STM32L462CEY3 データシート(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEY3 データシート(HTML) 80 Page - STMicroelectronics |
|
80 / 198 page ![]() Memory mapping STM32L462CE STM32L462RE STM32L462VE 80/198 DocID029969 Rev 1 APB1 0x4000 9800 - 0x4000 FFFF 26 KB Reserved 0x4000 9400 - 0x4000 97FF 1 KB LPTIM2 0x4000 8800 - 0x4000 93FF 3 KB Reserved 0x4000 8400 - 0x4000 87FF 1 KB I2C4 0x4000 8000 - 0x4000 83FF 1 KB LPUART1 0x4000 7C00 - 0x4000 7FFF 1 KB LPTIM1 0x4000 7800 - 0x4000 7BFF 1 KB OPAMP 0x4000 7400 - 0x4000 77FF 1 KB DAC 0x4000 7000 - 0x4000 73FF 1 KB PWR 0x4000 6C00 - 0x4000 6FFF 1 KB USB SRAM 0x4000 6800 - 0x4000 6BFF 1 KB USB FS 0x4000 6400 - 0x4000 67FF 1 KB CAN1 0x4000 6000 - 0x4000 63FF 1 KB CRS 0x4000 5C00- 0x4000 5FFF 1 KB I2C3 0x4000 5800 - 0x4000 5BFF 1 KB I2C2 0x4000 5400 - 0x4000 57FF 1 KB I2C1 0x4000 5000 - 0x4000 53FF 1 KB Reserved 0x4000 4C00 - 0x4000 4FFF 1 KB UART4 0x4000 4800 - 0x4000 4BFF 1 KB USART3 0x4000 4400 - 0x4000 47FF 1 KB USART2 0x4000 4000 - 0x4000 43FF 1 KB Reserved 0x4000 3C00 - 0x4000 3FFF 1 KB SPI3 0x4000 3800 - 0x4000 3BFF 1 KB SPI2 0x4000 3400 - 0x4000 37FF 1 KB Reserved 0x4000 3000 - 0x4000 33FF 1 KB IWDG 0x4000 2C00 - 0x4000 2FFF 1 KB WWDG APB1 0x4000 2800 - 0x4000 2BFF 1 KB RTC 0x4000 1400 - 0x4000 27FF 5 KB Reserved 0x4000 1000 - 0x4000 13FF 1 KB TIM6 0x4000 0800- 0x4000 0FFF 2 KB Reserved 0x4000 0400 - 0x4000 07FF 1 KB TIM3 0x4000 0000 - 0x4000 03FF 1 KB TIM2 1. The gray color is used for reserved boundary addresses. Table 16. STM32L462xx memory map and peripheral register boundary addresses(1) (continued) Bus Boundary address Size(bytes) Peripheral |