| データシートサーチシステム |
|
STM32L462CEY3 データシート(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEY3 データシート(HTML) 63 Page - STMicroelectronics |
|
63 / 198 page ![]() DocID029969 Rev 1 63/198 STM32L462CE STM32L462RE STM32L462VE Pinouts and pin description 80 32 D2 44 C8 70 B12 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, COMP1_OUT, USART1_CTS, CAN1_RX, USBDM, TIM1_BKIN2_COMP1, EVENTOUT - 33 D3 45 B8 71 A12 PA12 I/O FT_fu - TIM1_ETR, SPI1_MOSI, USART1_RTS_DE, CAN1_TX, USBDP, EVENTOUT - 34 C2 46 A8 72 A11 PA13 (JTMS/ SWDIO) I/O FT (4) JTMS/SWDAT, IR_OUT, USBNOE, SAI1_SD_B, EVENTOUT - 35 B1 47 D5 - - VSS S - - - - 36 A1 48 E5 73 C11 VDDUSB S - - - - ---- 74 F11 VSS S - - - - -B2- - 75 G11 VDD S - - - - 37 C3 49 A7 76 A10 PA14 (JTCK/ SWCLK) I/O FT (4) JTCK/SWCLK, LPTIM1_OUT, I2C1_SMBA, I2C4_SMBA, SAI1_FS_B, EVENTOUT - 38 A2 50 A6 77 A9 PA15 (JTDI) I/O FT (4) JTDI, TIM2_CH1, TIM2_ETR, USART2_RX, SPI1_NSS, SPI3_NSS, USART3_RTS_DE, UART4_RTS_DE, TSC_G3_IO1, EVENTOUT - - D4 51 B778B11 PC10 I/O FT - TRACED1, SPI3_SCK, USART3_TX, UART4_TX, TSC_G3_IO2, SDMMC1_D2, EVENTOUT - -B3 52 B6 79 C10 PC11 I/O FT - SPI3_MISO, USART3_RX, UART4_RX, TSC_G3_IO3, SDMMC1_D3, EVENTOUT - -A3 53 C5 80 B10 PC12 I/O FT - TRACED3, SPI3_MOSI, USART3_CK, TSC_G3_IO4, SDMMC1_CK, EVENTOUT - ---- 81 C9 PD0 I/O FT - SPI2_NSS, CAN1_RX, EVENTOUT - ---- 82 B9 PD1 I/O FT - SPI2_SCK, CAN1_TX, EVENTOUT - Table 13. STM32L462xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |