| データシートサーチシステム |
|
STM32L462CEY3 データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEY3 データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 198 page ![]() Functional overview STM32L462CE STM32L462RE STM32L462VE 30/198 DocID029969 Rev 1 interrupt is generated if enabled. LSE failure can also be detected and generated an interrupt. • Clock-out capability: – MCO: microcontroller clock output: it outputs one of the internal clocks for external use by the application – LSCO: low speed clock output: it outputs LSI or LSE in all low-power modes (except VBAT). Several prescalers allow to configure the AHB frequency, the high speed APB (APB2) and the low speed APB (APB1) domains. The maximum frequency of the AHB and the APB domains is 80 MHz. |