| データシートサーチシステム |
|
ST7L05 データシート(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7L05 データシート(HTML) 57 Page - STMicroelectronics |
|
57 / 104 page ![]() ST7L05, ST7L09 57/104 SERIAL PERIPHERAL INTERFACE (Cont’d) 11.3.4 Clock Phase and Clock Polarity Four possible timing relationships may be chosen by software, using the CPOL and CPHA bits (See Figure 35). Note: The idle state of SCK must correspond to the polarity selected in the SPICSR register (by pulling up SCK if CPOL = 1 or pulling down SCK if CPOL = 0). The combination of the CPOL clock polarity and CPHA (clock phase) bits selects the data capture clock edge Figure 35, shows an SPI transfer with the four combinations of the CPHA and CPOL bits. The di- agram may be interpreted as a master or slave timing diagram when the SCK pin, the MISO pin, the MOSI pin are directly connected between the master and the slave device. Note: If CPOL is changed at the communication byte boundaries, the SPI must be disabled by re- setting the SPE bit. Figure 35. Data Clock Timing Diagram SCK MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI (from slave) SS (to slave) CAPTURE STROBE CPHA = 1 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI SS (to slave) CAPTURE STROBE CPHA = 0 Note: This figure should not be used as a replacement for parametric information. Refer to the Electrical Characteristics chapter. (from slave) (CPOL = 1) SCK (CPOL = 0) SCK (CPOL = 1) SCK (CPOL = 0) 1 |