データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7L05 データシート(PDF) 63 Page - STMicroelectronics

部品番号 ST7L05
部品情報  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L05 データシート(HTML) 63 Page - STMicroelectronics

Back Button ST7L05 Datasheet HTML 59Page - STMicroelectronics ST7L05 Datasheet HTML 60Page - STMicroelectronics ST7L05 Datasheet HTML 61Page - STMicroelectronics ST7L05 Datasheet HTML 62Page - STMicroelectronics ST7L05 Datasheet HTML 63Page - STMicroelectronics ST7L05 Datasheet HTML 64Page - STMicroelectronics ST7L05 Datasheet HTML 65Page - STMicroelectronics ST7L05 Datasheet HTML 66Page - STMicroelectronics ST7L05 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
ST7L05, ST7L09
63/104
SERIAL PERIPHERAL INTERFACE (Cont’d)
Table 16. SPI Register Map and Reset Values
11.4 8-BIT A/D CONVERTER (ADC)
11.4.1 Introduction
The on-chip Analog to Digital Converter (ADC) pe-
ripheral is a 8-bit, successive approximation con-
verter with internal sample and hold circuitry. This
peripheral has up to five multiplexed analog input
channels (refer to device pin out description) that
allow the peripheral to convert the analog voltage
levels from up to five different sources.
The result of the conversion is stored in a 8-bit
Data Register. The A/D converter is controlled
through a Control/Status Register.
11.4.2 Main Features
– 8-bit conversion
– Up to 5 channels with multiplexed input
– Linear successive approximation
– Data register (DR) which contains the results
– Conversion complete status flag
– On/off bit (to reduce consumption)
11.4.3 Functional Description
11.4.3.1 Analog Power Supply
The block diagram is shown in Figure 38.
VDD and VSS are the high and low level reference
voltage pins.
Conversion accuracy may therefore be impacted
by voltage drops and noise in the event of heavily
loaded or badly decoupled power supply lines.
For more details, refer to Section 13 ELECTRICAL
CHARACTERISTICS.
Figure 38. ADC Block Diagram
Address
(Hex.)
Register
Label
76
54321
0
31
SPIDR
Reset Value
MSB
x
xxxxx
x
LSB
x
32
SPICR
Reset Value
SPIE
0
SPE
0
SPR2
0
MSTR
0
CPOL
x
CPHA
x
SPR1
x
SPR0
x
33
SPICSR
Reset Value
SPIF
0
WCOL
0
OVR
0
MODF
00
SOD
0
SSM
0
SSI
0
CH2
CH1
0
EOC SPEED ADON
0
CH0
ADCCSR
AIN0
AIN1
ANALOG TO DIGITAL
CONVERTER
AINx
ANALOG
MUX
RADC
CADC
D2
D1
D3
D7
D6
D5
D4
D0
ADCDR
3
fADC
HOLD CONTROL
fCPU
0
1
1
0
DIV 2
DIV 4
SLOW
bit
(ADCCSR2 Register)
7
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More