| データシートサーチシステム |
|
ST7L05 データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7L05 データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 104 page ![]() ST7L05, ST7L09 59/104 SERIAL PERIPHERAL INTERFACE (Cont’d) 11.3.5.4 Single Master Systems A typical single master system may be configured, using an MCU as the master and four MCUs as slaves (see Figure 37). The master device selects the individual slave de- vices by using four pins of a parallel port to control the four SS pins of the slave devices. The SS pins are pulled high during reset since the master device ports are forced as inputs at that time, thus disabling the slave devices. Note: To prevent a bus conflict on the MISO line the master allows only one active slave device during a transmission. For more security, the slave device may respond to the master with the received data byte. Then the master will receive the previous byte back from the slave device if all MISO and MOSI pins are con- nected and the slave has not written to its SPIDR register. Other transmission security methods can use ports for handshake lines or data bytes with com- mand fields. Figure 37. Single Master / Multiple Slave Configuration MISO MOSI MOSI MOSI MOSI MOSI MISO MISO MISO MISO SS SS SS SS SS SCK SCK SCK SCK SCK 5V Slave MCU Slave MCU Slave MCU Slave MCU Master MCU 1 |