| データシートサーチシステム |
|
M58WR064EB データシート(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58WR064EB データシート(HTML) 74 Page - STMicroelectronics |
|
74 / 82 page ![]() M58WR064ET, M58WR064EB 74/82 Enhanced Factory Program Pseudo Code efp_command(addressFlow,dataFlow,n) /* n is the number of data to be programmed */ { /* setup phase */ writeToFlash(addressFlow[0],0x30); writeToFlash(addressFlow[0],0xD0); status_register=readFlash(any_address); if (status_register.SR7==1){ /*EFP aborted for an error*/ if (status_register.SR4==1) /*program error*/ error_handler(); if (status_register.SR3==1) /*VPP invalid error*/ error_handler(); if (status_register.SR1==1) /*program to protect block error*/ error_handler(); } else{ /*Program Phase*/ do{ status_register=readFlash(any_address); /* E or G must be toggled*/ } while (status_register.SR0==1) /*Ready for first data*/ for (i=0; i++; i< n){ writeToFlash(addressFlow[i],dataFlow[i]); /* status register polling*/ do{ status_register=readFlash(any_address); /* E or G must be toggled*/ } while (status_register.SR0==1); /* Ready for a new data */ } writeToFlash(another_block_address,FFFFh); /* Verify Phase */ for (i=0; i++; i< n){ writeToFlash(addressFlow[i],dataFlow[i]); /* status register polling*/ do{ status_register=readFlash(any_address); /* E or G must be toggled*/ } while (status_register.SR0==1); /* Ready for a new data */ } writeToFlash(another_block_address,FFFFh); /* exit program phase */ /* Exit Phase */ /* status register polling */ do{ status_register=readFlash(any_address); /* E or G must be toggled */ } while (status_register.SR7==0); if (status_register.SR4==1) /*program failure error*/ error_handler(); if (status_register.SR3==1) /*VPP invalid error*/ error_handler(); if (status_register.SR1==1) /*program to protect block error*/ error_handler(); } } |