| データシートサーチシステム |
|
M58WR064EB データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58WR064EB データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 82 page ![]() 33/82 M58WR064ET, M58WR064EB Table 13. Lock Status Note: 1. The lock status is defined by the write protect pin and by DQ1 (‘1’ for a locked-down block) and DQ0 (‘1’ for a locked block) as read in the Read Electronic Signature command with A1 = VIH and A0 = VIL. 2. All blocks are locked at power-up, so the default configuration is 001 or 101 according to WP status. 3. A WP transition to VIH on a locked block will restore the previous DQ0 value, giving a 111 or 110. Current Protection Status(1) (WP, DQ1, DQ0) Next Protection Status(1) (WP, DQ1, DQ0) Current State Program/Erase Allowed After Block Lock Command After Block Unlock Command After Block Lock-Down Command After WP transition 1,0,0 yes 1,0,1 1,0,0 1,1,1 0,0,0 1,0,1(2) no 1,0,1 1,0,0 1,1,1 0,0,1 1,1,0 yes 1,1,1 1,1,0 1,1,1 0,1,1 1,1,1 no 1,1,1 1,1,0 1,1,1 0,1,1 0,0,0 yes 0,0,1 0,0,0 0,1,1 1,0,0 0,0,1(2) no 0,0,1 0,0,0 0,1,1 1,0,1 0,1,1 no 0,1,1 0,1,1 0,1,1 1,1,1 or 1,1,0 (3) |