| データシートサーチシステム |
|
M58WR064EB データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58WR064EB データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 82 page ![]() 35/82 M58WR064ET, M58WR064EB MAXIMUM RATING Stressing the device above the rating listed in the Absolute Maximum Ratings table may cause per- manent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not im- plied. Exposure to Absolute Maximum Rating con- ditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality docu- ments. Table 15. Absolute Maximum Ratings Value Symbol Parameter Min Max Unit TA Ambient Operating Temperature –40 85 °C TBIAS Temperature Under Bias –40 125 °C TSTG Storage Temperature –65 155 °C VIO Input or Output Voltage –0.5 VDDQ+0.6 V VDD Supply Voltage –0.2 2.45 V VDDQ Input/Output Supply Voltage –0.2 3.6 V VPP Program Voltage –0.2 14 V IO Output Short Circuit Current 100 mA tVPPH Time for VPP at VPPH 100 hours |