データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M7020R データシート(PDF) 93 Page - STMicroelectronics

部品番号 M7020R
部品情報  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R データシート(HTML) 93 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 89Page - STMicroelectronics M7020R Datasheet HTML 90Page - STMicroelectronics M7020R Datasheet HTML 91Page - STMicroelectronics M7020R Datasheet HTML 92Page - STMicroelectronics M7020R Datasheet HTML 93Page - STMicroelectronics M7020R Datasheet HTML 94Page - STMicroelectronics M7020R Datasheet HTML 95Page - STMicroelectronics M7020R Datasheet HTML 96Page - STMicroelectronics M7020R Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 150 page
background image
93/150
M7020R
The SEARCH command is a pipelined operation
and executes search at one-fourth the rate of the
frequency of CLK2X for 272-bit searches in x272-
configured tables. The latency of SADR, CE_L,
ALE_L, WE_L, SSV, and SSF from the 272-bit
SEARCH command (measured in CLK cycles)
from the CLK2X cycle that contains the C and D
Cycles is shown in Table 44, page 99.
The latency of search from command to SRAM ac-
cess cycle is 5 for only a single device in the table
and TLSZ = 01. In addition, SSV and SSF shift fur-
ther to the right for different values of HLAT, as
specified in Table 45, page 99.
Table 43. Hit/Miss Assumption
Search Number
1
2
3
Device 0
Hit
Miss
Miss
Device 1
Miss
Hit
Miss
Device 2-6
Miss
Miss
Miss
Device 7
Miss
Miss
Miss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More