| データシートサーチシステム |
|
R5F10DMDCLFB データシート(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10DMDCLFB データシート(HTML) 43 Page - Renesas Technology Corp |
|
43 / 139 page ![]() RL78/D1A 2. PIN FUNCTIONS R01DS0463EJ0120 Rev. 1.20 Page 43 of 135 Mar 31, 2026 (3/6) Function Name I/O Function 48-pin 64-pin 80-pin 100-pin 128-pin R5F10CGx/ R5F10DGx R5F10CLx/ R5F10DLx R5F10CMx/ R5F10DMx R5F10TPx/ R5F10DPx R5F10DSx TI10 Input External count clock input/ capture trigger to 16-bit timer 10 to 17 15 19 25 35 20, 15, 95 TI11 16 57, 20 74, 26 89, 14, 30, 36 21, 82, 117, 5 TI12 17 32, 21 40, 27 50, 37 22, 36, 35, 16 TI13 20 56, 25, 31 73, 31, 39 88, 71, 41, 49 34, 26, 60, 81 TI14 21, 30 30, 26, 42 38, 32, 54 48, 42, 64 27, 37, 52, 33 TI15 29 55, 41, 27, 29 72, 53, 33, 37 87, 63, 43, 47 28, 32, 51, 80 TI16 28 40 36, 34, 52 46, 44, 62 29, 38, 50, 31 TI17 27 54, 39, 22, 28 71, 51, 28, 35 86, 61, 38, 45 23, 30, 79, 49 TO10 Output 16-bit timer 10 to 17 output 15 19 25 35 20, 15, 95 TO11 16 57, 20 74, 26 89, 14, 30, 36 21, 82, 117, 5 TO12 17 32, 21 40, 27 50, 37 22, 36, 35, 16 TO13 20 56, 25, 31 73, 31, 39 88, 71, 41, 49 34, 26, 60, 81 TO14 21, 30 30, 26, 42 38, 32, 54 48, 42, 64 27, 37, 52, 33 TO15 29 55, 41, 27, 29 72, 53, 33, 37 87, 63, 43, 47 28, 32, 51, 80 TO16 28 40 36, 34, 52 46, 44, 62 29, 38, 50, 31 TO17 27 54, 39, 22, 28 71, 51, 28, 35 86, 61, 38, 45 23, 30, 79, 49 TI20 Input External count clock input /capture trigger to 16-bit timer 20 to 27 13, 26 17, 38 21, 50 26, 60, 99 1, 48, 99, 17 TI21 14, 25, 41 53, 37, 18 70, 49, 22 100, 85, 59, 27 2, 47, 100, 78 TI22 18 23, 36 29, 48 39, 58, 98 24, 46, 98, 94 TI23 19, 24, 40 52, 35, 24 69, 47, 30 84, 57, 40 25, 45, 77, 93 TI24 − − 24, 46 32, 56, 97 7, 44, 97, 92 TI25 39 51 68, 45, 23 83, 55, 31 6, 76, 43, 91 TI26 − − 44 29, 54, 96 4, 42, 96, 90 TI27 38 50 67, 43 82, 53, 28 75, 3, 41, 89 TO20 Output 16-bit timer 20 to 27 output 13, 26 17, 38 21, 50 26, 60, 99 1, 48, 99, 17 TO21 14, 25, 41 53, 37, 18 70, 49, 22 100, 85, 59, 27 2, 47, 100, 78 TO22 18 23, 36 29, 48 39, 58, 98 24, 46, 98, 94 TO23 19, 24, 40 52, 35, 24 69, 47, 30 84, 57, 40 25, 45, 77, 93 TO24 − − 24, 46 32, 56, 97 7, 44, 97, 92 TO25 39 51 68, 45, 23 83, 55, 31 6, 76, 43, 91 TO26 − − 44 29, 54, 96 4, 42, 96, 90 TO27 38 50 67, 43 82, 53, 28 75, 3, 41, 89 SCK00 Input/ Output Clock input/output for CSI00 15 19, 30 46, 25, 38 56, 35, 48 20, 33, 44,10 SI00 Input Serial data input to CSI00 16 20, 31 47, 26, 39 57, 36, 49 21, 34, 45, 11 SO00 Output Serial data output from CSI00 17 21, 32 48, 27, 40 58, 37, 50 22, 35, 46, 12 SCK01 Input/ Output Clock input/output for CSI01 19, 28 40, 24 52, 30 62, 40 50, 25 SI01 Input Serial data input to CSI01 18, 29 41, 23 53, 29 63, 39 51, 24 SO01 Output Serial data output from CSI01 20, 30 42, 25 54, 31 64, 41 52, 26 |