| データシートサーチシステム |
|
R5F10DMDCLFB データシート(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10DMDCLFB データシート(HTML) 91 Page - Renesas Technology Corp |
|
91 / 139 page ![]() RL78/D1A 4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT) R01DS0463EJ0120 Rev. 1.20 Page 91 of 135 Mar 31, 2026 4.1 Absolute Maximum Ratings TA = +25 °C Parameter Symbols Conditions Ratings Unit Supply voltage VDD VDD -0.5 to +6.5 V EVDD0 EVDD1 EVDD0 = EVDD1 -0.5 to +6.5 and -0.5 to VDD + 0.3 V SMVDD0 SMVDD1 SMVDD0 = SMVDD1 -0.5 to +6.5 and -0.5 to VDD + 0.3 V VSS VSS -0.5 to +0.3 V EVSS0 EVSS1 EVSS0 = EVSS1 -0.5 to +0.3 V SMVSS0 SMVSS1 SMVSS0 = SMVSS1 -0.5 to +0.3 V Supply voltage up/down ramp VDDRAMP ≤50 V/ms REGC pin input voltage VIREGC REGC -0.3 to +2.8 and -0.3 to VDD + 0.3 Note1 V Input voltage VI1 Pin group 1 -0.3 to +6.5 and -0.3 to EVDD0(EVDD1) + 0.3 V VI2 Pin group 2 -0.3 to +6.5 and -0.3 to VDD + 0.3 V VI3 Pin group 3 -0.3 to +6.5 and -0.3 to SMVDD0(SMVDD1) + 0.3 V VI4 Pin group 4 -0.3 to +6.5 and -0.3 to VDD + 0.3 V (Continue to next page) |