| データシートサーチシステム |
|
R5F5671CDDFB データシート(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB データシート(HTML) 86 Page - Renesas Technology Corp |
|
86 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 86 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics Caution: To protect the LSI’s reliability, the output current values should not exceed the values in this table. Note 1. This is the value when normal driving ability is set with a pin for which normal driving ability is selectable. Note 2. This is the value when high driving ability is set with a pin for which normal driving ability is selectable or the value of the pin to which high driving ability is fixed. Note 3. This is the value when high-speed interface high-driving ability is set with a pin for which high-speed interface high-driving ability is selectable. Table 2.8 Permissible Output Currents Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, Ta = Topr Item Symbol Min. Typ. Max. Unit Permissible output low current (average value per pin) All output pins*1 Normal drive IOL —— 2.0 mA All output pins*2 High drive — — 3.8 All output pins*3 High-speed interface high-drive —— 7.5 Permissible output low current (max. value per pin) All output pins*1 Normal drive IOL —— 4.0 mA All output pins*2 High drive — — 7.6 All output pins*3 High-speed interface high-drive —— 15 Permissible output low current (total) Total of all output pins ΣIOL —— 80 mA Permissible output high current (average value per pin) All output pins*1 Normal drive IOH — — –2.0 mA All output pins*2 High drive — — –3.8 All output pins*3 High-speed interface high-drive — — –7.5 Permissible output high current (max. value per pin) All output pins*1 Normal drive IOH — — –4.0 mA All output pins*2 High drive — — –7.6 All output pins*3 High-speed interface high-drive — — –15 Permissible output high current (total) Total of all output pins ΣIOH — — –80 mA |