| データシートサーチシステム |
|
R5F5671CDDFB データシート(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB データシート(HTML) 9 Page - Renesas Technology Corp |
|
9 / 179 page ![]() RX671 Group 1. Overview R01DS0373EJ0120 Rev.1.20 Page 9 of 179 Sep 30, 2024 Communication function Serial peripheral interface (RSPIA) 1 channel RSPI transfer facility Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select), and RSPCK (RSPI clock) signals enables serial transfer through SPI operation (four lines) or clock-synchronous operation (three lines) Capable of handling serial transfer as a master or slave Data formats Switching between MSB first and LSB first The number of bits in each transfer can be changed to any number of bits from 8 to 16, or to 20, 24, or 32 bits. 128-bit buffers for transmission and reception Up to four frames can be transmitted or received in a single transfer operation (with each frame having up to 32 bits) Transit/receive data can be swapped in byte units Buffered structure The transmission and reception sections have 4-stage and 32-bit-wide FIFO buffers for the sequential transmission and reception of data. RSPCK can be stopped with the receive buffer full for master reception. Event linking by the ELC Communications protocol: RSPIA supports the Texas Instruments Synchronous Serial Protocol (TI SSP). Quad-SPI memory interface (QSPIX) 1 channel This interface can handle fetching from serial flash memory that has an SPI-compatible interface. It supports extended SPI, dual-SPI, and quad-SPI protocols. Address width is selectable from among 8, 16, 24, and 32 bits. Remote control signal receiver (REMCa) 1 channel Four pattern matching (header, data 0, data 1, and special data detection) 8-byte receive buffer per unit The operating clock can be selected from among the PCLK, sub-clock, and TMR. Serial sound interface (SSIE) 1 channel Full-duplex transmission Various types of serial audio formatting are supported. Master and slave operations are supported. The bit-clock frequency is selectable from among 13 frequencies (1/1, 1/2, 1/4, 1/6, 1/8, 1/12, 1/16, 1/24, 1/32, 1/48, 1/64, 1/96, or 1/128). Data formats with 8, 16, 18, 20, 22, 24, and 32 bits are supported. 32-stage FIFO buffers for transmission and reception Stopping or not stopping the SSILRCK signal on stopping of data transmission is selectable. SD host interface (SDHI) 1 channel Transfer speed: Supports high-speed mode (25 MB/s) and default speed mode (12.5 MB/s) One interface for SD memory and I/O cards (supporting 1- and 4-bit SD buses) SD specifications Part 1: Physical Layer Specification Ver. 3.01 compliant (DDR not supported) Part E1: SDIO Specification Ver. 3.00 Error checking: CRC7 for commands and CRC16 for data Interrupt requests: Card access interrupt, SDIO access interrupt, card detection interrupt, SD buffer access interrupt DMA transfer requests: SD_BUF write and SD_BUF read Support for card detection and write protection Table 1.1 Outline of Specifications (8/10) Classification Module/Function Description |