| データシートサーチシステム |
|
R5F5671CDDFB データシート(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB データシート(HTML) 25 Page - Renesas Technology Corp |
|
25 / 179 page ![]() RX671 Group 1. Overview R01DS0373EJ0120 Rev.1.20 Page 25 of 179 Sep 30, 2024 12-bit A/D converter AN000 to AN007, AN100 to AN111 Input Input pins for the analog signals to be processed by the A/D converter ADTRG0#, ADTRG1# Input Input pins for the external trigger signals that start the A/D conversion ANEX0 Output Extended analog output pin ANEX1 Input Extended analog input pin Capacitive touch sensing unit (CTSU) TS0 to TS16 I/O Electrostatic capacitance measurement pins (touch pins). TSCAP — Connect to the VSS via a decoupling capacitor (10 nF) for stabilizing the internal voltage. The capacitor should be placed close to the pin. Analog power supply AVCC0*1 Input Analog voltage supply pin for the 12-bit A/D converter (unit 0). Connect this pin to a branch from the VCC power supply. Connect the pin to AVSS0 via a 0.1-µF multilayer ceramic capacitor. The capacitor should be placed close to the pin. AVSS0*1 Input Analog ground pin for the 12-bit A/D converter (unit 0). Connect this pin to a branch from the VSS ground power supply. Connect the pin to AVCC0 via a 0.1-µF multilayer ceramic capacitor. The capacitor should be placed close to the pin. VREFH0 Input Analog reference voltage supply pin for the 12-bit A/D converter (unit 0). Connect this pin to VCC if the 12-bit A/D converter is not to be used. VREFL0 Input Analog reference ground pin for the 12-bit A/D converter (unit 0). Connect this pin to VSS if the 12-bit A/D converter is not to be used. AVCC1*1 Input Analog voltage supply and reference voltage supply pin for the 12-bit A/D converter (unit 1). This pin also supplies the analog voltage to the temperature sensor. Connect this pin to a branch from the VCC power supply. Connect the pin to AVSS1 via a 0.1-µF multilayer ceramic capacitor. The capacitor should be placed close to the pin. AVSS1*1 Input Analog voltage supply and reference voltage supply pin for the 12-bit A/D converter (unit 1). This pin also supplies the analog ground voltage to the temperature sensor. Connect this pin to a branch from the VSS ground power supply. Connect the pin to AVCC1 via a 0.1-µF multilayer ceramic capacitor. The capacitor should be placed close to the pin. Table 1.4 Pin Functions (7/8) Classifications Pin Name I/O Description |