| データシートサーチシステム |
|
R5F5671CDDFB データシート(PDF) 100 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB データシート(HTML) 100 Page - Renesas Technology Corp |
|
100 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 100 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics Figure 2.14 Deep Software Standby Mode Recovery Timing Table 2.24 Timing of Recovery from Low Power Consumption Modes (2) Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, Ta = Topr Item Symbol Min. Typ. Max. Unit Test Conditions Recovery time from deep software standby mode tDSBY — — 0.9 ms Figure 2.14 Waiting time after recovery from deep software standby mode tDSBYWT 23 — 24 tLcyc Oscillator IRQ Internal reset (Low is valid) Reset exception handling start Deep software standby mode Deep software standby reset (Low is valid) tDSBY tDSBYWT |