| データシートサーチシステム |
|
R5F5671CDDFB データシート(PDF) 118 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB データシート(HTML) 118 Page - Renesas Technology Corp |
|
118 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 118 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics 2.4.7.3 TMR Note 1. tPBcyc: PCLKB cycle Figure 2.37 TMR Clock Input Timing 2.4.7.4 CMTW Note 1. tPBcyc: PCLKB cycle Figure 2.38 CMTW Input Capture Input Timing Table 2.30 TMR Timing Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr, Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF, High-drive output is selected by the drive capacity control register. Item Symbol Min. Max. Unit*1 Test Conditions TMR Timer clock pulse width Single-edge setting tTMCWH, tTMCWL 1.5 — tPBcyc Figure 2.37 Both-edge setting 2.5 — Table 2.31 CMTW Timing Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr, Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF, High-drive output is selected by the drive capacity control register. Item Symbol Min. Max. Unit*1 Test Conditions CMTW Input capture input pulse width Single-edge setting tCMTWTICW 1.5 — tPBcyc Figure 2.38 Both-edge setting 2.5 — PCLKB TMCI0 to TMCI3 tTMCWL tTMCWH Input capture input PCLKB tCMTWICW |