| データシートサーチシステム |
|
R5F5671CDDFB データシート(PDF) 125 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB データシート(HTML) 125 Page - Renesas Technology Corp |
|
125 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 125 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics Note: tPcyc refers to the period of PCLKA in SCI10 and SCI11, and of PCLKB in SCI0 to SCI9, and SCI12. Note 1. Cb is the total capacitance of the bus lines. Figure 2.49 Simple IIC Bus Interface Input/Output Timing Table 2.37 Simple IIC Timing Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr, High-drive output is selected by the drive capacity control register. Item Symbol Min. Max. Unit Test Conditions Simple IIC (Standard-mode) SSCL, SSDA input rise time tSr — 1000 ns Figure 2.49 SSCL, SSDA input fall time tSf — 300 ns SSCL, SSDA input spike pulse removal time tSP 04 × tPcyc ns Data input setup time tSDAS 250 — ns Data input hold time tSDAH 0— ns SSCL, SSDA capacitive load Cb*1 — 400 pF Simple IIC (Fast-mode) SSCL, SSDA input rise time tSr — 300 ns SSCL, SSDA input fall time tSf — 300 ns SSCL, SSDA input spike pulse removal time tSP 04 × tPcyc ns Data input setup time tSDAS 100 — ns Data input hold time tSDAH 0— ns SSCL, SSDA capacitive load Cb*1 — 400 pF SSDA0 to SSDA12 SSCL0 to SSCL12 VIH VIL tSTAH tSCLH tSCLL P*1 S* 1 tSf tSr tSCL tSDAH tSDAS tSTAS tSP tSTOS P*1 tBUF Test conditions VIH = 0.7 × VCC, VIL = 0.3 × VCC VOL = 0.6 V, IOL = 6 mA Sr*1 Note 1. S, P, and Sr indicate the following conditions. S: START condition P: STOP condition Sr: Repeated START condition |