| データシートサーチシステム |
|
RZ/N2L データシート(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/N2L データシート(HTML) 19 Page - Renesas Technology Corp |
|
19 / 128 page ![]() Table 1.18 Pin functions (6 of 7) Classification Pin name I/O Description CANFD module (CANFD) CANRX0, CANRX1 Input Receive data input pins CANTX0, CANTX1 Output Transmit data output pins CANRXDP0, CANRXDP1 Output Receive data phase output pins CANTXDP0, CANTXDP1 Output Transmit data phase output pins Serial peripheral interface (SPI) SPI_RSPCK0 to SPI_RSPCK3 I/O Clock I/O pins SPI_MOSI0 to SPI_MOSI3 I/O Master transmit data I/O pins SPI_MISO0 to SPI_MISO3 I/O Slave transmit data I/O pins SPI_SSL00 to SPI_SSL30 I/O Slave select signal I/O pins SPI_SSL01 to SPI_SSL31, SPI_SSL02 to SPI_SSL32, SPI_SSL13 to SPI_SSL33 Output Slave select signal output pins Expanded serial peripheral interface (xSPI) XSPI0_CKP, XSPI1_CKP, XSPI0_CKN Output Clock output pins XSPI0_CS0#, XSPI1_CS0#, XSPI0_CS1# Output Chip select output pins XSPI0_DS, XSPI1_DS I/O Read data strobe/write data mask input/output pin XSPI0_IO0 to XSPI0_IO7, XSPI1_IO0 to XSPI1_IO7 I/O Data0 to Data7 input/output pins XSPI0_RESET0#, XSPI0_RESET1# Output Master reset status output pins XSPI0_RSTO0#, XSPI0_RSTO1# Input Slave reset status input pins XSPI0_INT0#, XSPI0_INT1# Input Interrupt input pins XSPI0_ECS0#, XSPI0_ECS1# Input Error correction status input pins XSPI0_WP0#, XSPI0_WP1# Output Write protect output pins ΔΣ interface (DSMIF) MCLK0 to MCLK5 I/O Clock I/O pins MDAT0 to MDAT5 Input Data input pins 12-bit A/D converter (ADC12) AN000 to AN003, AN100 to AN107 Input Analog input pins for the A/D converter ADTRG0#, ADTRG1# Input External trigger input pins for the start of A/D conversion Serial host interface (SHOSTIF) HSPI_CK Input Clock input pin HSPI_CS# Input Chip select input pin HSPI_IO0 to HSPI_IO7 I/O Data0 to Data7 input/output pins HSPI_INT# Output Interrupt output pin RZ/N2L Datasheet 1. Overview R01DS0397EJ0140 Rev.1.40 Mar 31, 2026 Page 19 of 128 |