| データシートサーチシステム |
|
ML22Q533 データシート(PDF) 29 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
ML22Q533 データシート(HTML) 29 Page - Rohm |
|
29 / 178 page ![]() FEDL22Q53X-02 ML22Q53X ● Edit ROM Function With the edit ROM function, multiple phrases can be played in succession. The following functions can be configured using the edit ROM function: • Continuous playback: There is no limit to the continuous playback count that can be specified. It depends on the memory capacity only. • Silence insertion: 20 to 1024 ms Using the edit ROM function enables an effective use of the flash memory capacity. Below is an example of the ROM configuration in the case of using the edit ROM function. Phrase 1 Phrase 2 Phrase 3 Phrase 4 A D A C E B E C Phrase 5 D D D B A D B E C D Silence A B C D E Address control area Editing area Examples of Phrases Using the Edit ROM Function Example of Sound data Where the Contents Above Are Stored in ROM 29/178 |