データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML22Q533 データシート(PDF) 48 Page - Rohm

部品番号 ML22Q533
部品情報  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 データシート(HTML) 48 Page - Rohm

Back Button ML22Q533 Datasheet HTML 44Page - Rohm ML22Q533 Datasheet HTML 45Page - Rohm ML22Q533 Datasheet HTML 46Page - Rohm ML22Q533 Datasheet HTML 47Page - Rohm ML22Q533 Datasheet HTML 48Page - Rohm ML22Q533 Datasheet HTML 49Page - Rohm ML22Q533 Datasheet HTML 50Page - Rohm ML22Q533 Datasheet HTML 51Page - Rohm ML22Q533 Datasheet HTML 52Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
■ Timing chart
● Common
 Power-on timing
Be sure to input "L" to the RESETB pin before inputting the first command after power-on.
Be sure to enter "L" at the RESETB pin when the DVDD is below the (recommended) operating voltage range.
 Power-off timing
Shut down each power supply after changing to the power down status with PDWN commands.
DVDD
Status
Power-down
Shut down in the order of IOVDD, SPVDD, and DVDD or SPVDD, IOVDD, and DVDD.
It is possible that the IOVDD shuts down and then the SPVDD and DVDD shuts down at the same time,
or the SPVDD shuts down and then the IOVDD and DVDD shut down at the same time.
The DVDD, SPVDD and IOVDD can also shut down at the same time.
SPVDD
SPOVDD
IOVDD
90%
DVDD
VIH
VIL
tRST
RESETB
After the power is turned on, the device enters the power-down state.
Start up in the order of DVDD, SPVDD and IOVDD or DVDD, IOVDD and SPVDD.
It is possible that the DVDD and SPVDD start up at the same time and then the IOVDD starts up, or the DVDD
and IOVDD starts up at the same time and then the SPVDD starts up.
The DVDD, SPVDD and IOVDD can also start up at the same time.
tRST is specified based on the last power-on pin.
SPVDD
SPOVDD
IOVDD
90%
Status
Power-down
48/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More