データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML22Q533 データシート(PDF) 7 Page - Rohm

部品番号 ML22Q533
部品情報  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 データシート(HTML) 7 Page - Rohm

Back Button ML22Q533 Datasheet HTML 3Page - Rohm ML22Q533 Datasheet HTML 4Page - Rohm ML22Q533 Datasheet HTML 5Page - Rohm ML22Q533 Datasheet HTML 6Page - Rohm ML22Q533 Datasheet HTML 7Page - Rohm ML22Q533 Datasheet HTML 8Page - Rohm ML22Q533 Datasheet HTML 9Page - Rohm ML22Q533 Datasheet HTML 10Page - Rohm ML22Q533 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
■ I/O Equivalent Circuit
Classifi
cation
Circuit
Overview
A
Attribute: Input
Power: DVDD
Function: CMOS inputs with pull-down
Applicable pin: TEST0
B
Attribute: Input
Power: IOVDD
Function: CMOS inputs with pull-down
Applicable pin: IRON
C
Attribute: Input
Power: DVDD
Function: CMOS inputs with pull-up
Applicable pin: RESETB
D
Attribute: Input
Power: DVDD
Function: CMOS inputs
Applicable pins: SI SCK, CSB, SAD0, SAD1, SAD2,
LRCLK, BCLK, SAI_IN
E
Attribute: Input
Power: IOVDD
Function: CMOS inputs
Applicable pins: IRCSB, IRSCK
7/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More