データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML22Q533 データシート(PDF) 63 Page - Rohm

部品番号 ML22Q533
部品情報  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 データシート(HTML) 63 Page - Rohm

Back Button ML22Q533 Datasheet HTML 59Page - Rohm ML22Q533 Datasheet HTML 60Page - Rohm ML22Q533 Datasheet HTML 61Page - Rohm ML22Q533 Datasheet HTML 62Page - Rohm ML22Q533 Datasheet HTML 63Page - Rohm ML22Q533 Datasheet HTML 64Page - Rohm ML22Q533 Datasheet HTML 65Page - Rohm ML22Q533 Datasheet HTML 66Page - Rohm ML22Q533 Datasheet HTML 67Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Continuous playback timing by PLAY command
When making continuous playbacks, input the PLAY command for the next phrases within the specified time period (tcm)
after the NCR of the corresponding channel changes to "H" level, so that the LSI playbacks the next phrases without silence
sounds after the current phrase playback ends.
When the playback is not continuous, input the PLAY command for the next phrases after confirming the playback is
completed by RDSTAT command, etc.
CSB
Status
Playing phrase 1
SCK
SI
NCRn
BUSYBn
SPM
1/2SPVDD
SPP
1/2SPVDD
Address is being controlled
Awaiting command
PLAY command
2
nd byte
PLAY command
1
st byte
Playing phrase 2
PLAY command
2
nd byte
tcm
(internal)
(internal)
VOH
VOL
CBUSYB
tCB1
tCB2
tCB1
63/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More