| データシートサーチシステム |
|
74HC4053 データシート(PDF) 9 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC4053 データシート(HTML) 9 Page - Nexperia B.V. All rights reserved |
|
9 / 31 page ![]() 74HC_HCT4053 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 9 — 10 February 2016 9 of 31 NXP Semiconductors 74HC4053; 74HCT4053 Triple 2-channel analog multiplexer/demultiplexer Vis =0Vto(VCC VEE). Vis =0Vto (VCC VEE). (1) VCC =4.5 V (2) VCC =6 V (3) VCC =9 V Fig 9. Test circuit for measuring RON Fig 10. Typical RON as a function of input voltage Vis R ON V sw I sw --------- = Table 7. Static characteristics for 74HC4053 Voltages are referenced to GND (ground = 0 V). Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input. Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit Tamb =25 C VIH HIGH-level input voltage VCC = 2.0 V 1.5 1.2 - V VCC = 4.5 V 3.15 2.4 - V VCC = 6.0 V 4.2 3.2 - V VCC = 9.0 V 6.3 4.7 - V VIL LOW-level input voltage VCC = 2.0 V - 0.8 0.5 V VCC = 4.5 V - 2.1 1.35 V VCC = 6.0 V - 2.8 1.8 V VCC = 9.0 V - 4.3 2.7 V II input leakage current VEE = 0 V; VI =VCC or GND VCC = 6.0 V - - 0.1 A VCC = 10.0 V - - 0.2 A IS(OFF) OFF-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 11 per channel - - 0.1 A all channels - - 0.1 A IS(ON) ON-state leakage current VI =VIH or VIL; VSW =VCC VEE; VCC = 10.0 V; VEE = 0 V; see Figure 12 -- 0.1 A |