| データシートサーチシステム |
|
74HC4053 データシート(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC4053 データシート(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 31 page ![]() 74HC_HCT4053 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 9 — 10 February 2016 13 of 31 NXP Semiconductors 74HC4053; 74HCT4053 Triple 2-channel analog multiplexer/demultiplexer 11. Dynamic characteristics Vis = VCC and Vos = VEE. Vis = VEE and Vos = VCC. Fig 11. Test circuit for measuring OFF-state current Vis = VCC and Vos = open-circuit. Vis = VEE and Vos = open-circuit. Fig 12. Test circuit for measuring ON-state current Table 9. Dynamic characteristics for 74HC4053 GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15. Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input. Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit Tamb =25 C tpd propagation delay Vis to Vos; RL = ; see Figure 13 [1] VCC = 2.0 V; VEE = 0 V - 15 60 ns VCC = 4.5 V; VEE =0 V - 5 12 ns VCC = 6.0 V; VEE =0 V - 4 10 ns VCC = 4.5 V; VEE = 4.5 V - 4 8 ns |