| データシートサーチシステム |
|
74HC4053 データシート(PDF) 15 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC4053 データシート(HTML) 15 Page - Nexperia B.V. All rights reserved |
|
15 / 31 page ![]() 74HC_HCT4053 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 9 — 10 February 2016 15 of 31 NXP Semiconductors 74HC4053; 74HCT4053 Triple 2-channel analog multiplexer/demultiplexer ton turn-on time E to Vos; RL = ; see Figure 14 [2] VCC = 2.0 V; VEE = 0 V - - 275 ns VCC = 4.5 V; VEE =0 V - - 55 ns VCC = 6.0 V; VEE =0 V - - 47 ns VCC = 4.5 V; VEE = 4.5 V - - 39 ns Sn to Vos; RL = ; see Figure 14 [2] VCC = 2.0 V; VEE = 0 V - - 275 ns VCC = 4.5 V; VEE =0 V - - 55 ns VCC = 6.0 V; VEE =0 V - - 47 ns VCC = 4.5 V; VEE = 4.5 V - - 39 ns toff turn-off time E to Vos; RL =1 k; see Figure 14 [3] VCC = 2.0 V; VEE = 0 V - - 265 ns VCC = 4.5 V; VEE =0 V - - 53 ns VCC = 6.0 V; VEE =0 V - - 45 ns VCC = 4.5 V; VEE = 4.5 V - - 36 ns Sn to Vos; RL =1 k; see Figure 14 [3] VCC = 2.0 V; VEE = 0 V - - 265 ns VCC = 4.5 V; VEE =0 V - - 53 ns VCC = 6.0 V; VEE =0 V - - 45 ns VCC = 4.5 V; VEE = 4.5 V - - 36 ns Tamb = 40 C to +125 C tpd propagation delay Vis to Vos; RL = ; see Figure 13 [1] VCC = 2.0 V; VEE =0 V - - 90 ns VCC = 4.5 V; VEE =0 V - - 18 ns VCC = 6.0 V; VEE =0 V - - 15 ns VCC = 4.5 V; VEE = 4.5 V - - 12 ns ton turn-on time E to Vos; RL = ; see Figure 14 [2] VCC = 2.0 V; VEE = 0 V - - 330 ns VCC = 4.5 V; VEE =0 V - - 66 ns VCC = 6.0 V; VEE =0 V - - 56 ns VCC = 4.5 V; VEE = 4.5 V - - 47 ns Sn to Vos; RL = ; see Figure 14 [2] VCC = 2.0 V; VEE = 0 V - - 330 ns VCC = 4.5 V; VEE =0 V - - 66 ns VCC = 6.0 V; VEE =0 V - - 56 ns VCC = 4.5 V; VEE = 4.5 V - - 47 ns Table 9. Dynamic characteristics for 74HC4053 …continued GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15. Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input. Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit |