| データシートサーチシステム |
|
VL6522V0MH データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL6522V0MH データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 35 page ![]() Register description VL6522 18/35 0x3351 CMD Default value 0x00 Purpose I2C command Type CODED Possible values <0> Start <1> Stop <2> Read <3> Multiple read 0x3352 WRITE_BYTE Default value 0x00 Purpose Type BYTE Possible values 0 to 255 0x3353 READ_BYTE [read only] Default value 0x00 Purpose Type BYTE Possible values 0 to 255 0x3354 STATUS [read only] Default value 0x01 Purpose I2C Status Type CODED Possible values <0> Command processed <1> Acknowledge received <2> EEPROM present <3> EEPROM error 1. More detail on how to use the I2C master can be found in the I2C mastering section 4.3.2 Table 10. MAN_SPEC_I2C_MASTER register (continued) Index MAN_SPEC_I2C_MASTER register(1) |