データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VL6522V0MH データシート(PDF) 25 Page - STMicroelectronics

部品番号 VL6522V0MH
部品情報  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522V0MH データシート(HTML) 25 Page - STMicroelectronics

Back Button VL6522V0MH Datasheet HTML 21Page - STMicroelectronics VL6522V0MH Datasheet HTML 22Page - STMicroelectronics VL6522V0MH Datasheet HTML 23Page - STMicroelectronics VL6522V0MH Datasheet HTML 24Page - STMicroelectronics VL6522V0MH Datasheet HTML 25Page - STMicroelectronics VL6522V0MH Datasheet HTML 26Page - STMicroelectronics VL6522V0MH Datasheet HTML 27Page - STMicroelectronics VL6522V0MH Datasheet HTML 28Page - STMicroelectronics VL6522V0MH Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
VL6522
Register description
25/35
0x8711
Gamma
Default value
0x0012
Purpose
Video class gamma control
Type
UINT_16
Possible values
0x0001 to 0x001f (1)
1.
This data is stored in little endian format: the LSB is located at the lower index.
Table 18.
Video control processing unit descriptors (continued)
Index
VideoControlProcessingUnitDescriptors register(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35