| データシートサーチシステム |
|
VL6522V0MH データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL6522V0MH データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 35 page ![]() VL6522 Register description 23/35 0x8682 bImpliedGainThresholdLow_den Default value 0x01 Purpose Denominator for calculation of low threshold of automatic framerate control. Type BYTE Possible values 0 to 255 0x8683 bImpliedGainThresholdHigh_num Default value 0x08 Purpose Numerator for calculation of high threshold of automatic framerate control Type BYTE Possible values 0 to 255 0x8684 bImpliedGainThresholdHigh_den Default value 0x01 Purpose Denominator for calculation of high threshold of automatic framerate control Type BYTE Possible values 0 to 255 0x8685 bUserMinimumFrameRate_Hz Default value 0x05 Purpose Sets the minimum framerate employed when in automatic framerate mode. Type BYTE Possible values 0 to 255 0x8686 bUserMaximumFrameRate_Hz Default value 0x3c Purpose Sets the maximum framerate employed when in automatic framerate mode. Type BYTE Possible values 0 to 255 0x8687 bRelativeChange_num Default value 0x02 Purpose Numerator for calculation of relative change in framerate. Type BYTE Possible values 0 to 255 Table 17. Automatic frame rate control (continued) Index AutomaticFrameRateControl register |