| データシートサーチシステム |
|
VL6522V0MH データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL6522V0MH データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 35 page ![]() Register description VL6522 20/35 5.3.4 Fade to black Table 14. Fade to black Index FadeToBlack register 0x85cb fDisable Default value 0x00 Purpose Disables the Fade to Black Type FLAG_e Possible values <0x00> Fade to Black enabled <0x01> Fade to Black disabled 0x85cc fpBlackValue Default value 0x0000 (0.0000) Purpose Black Value Type FLOAT Possible values -8581545984 to 8581545984 (0xffff to 0x7fff) 0x85ce fpDamperLowThreshold Default value 0x6a25 (4497408) Purpose Low Threshold for exposure for calculating the damper slope Type FLOAT Possible values -8581545984 to 8581545984 (0xffff to 0x7fff) 0x85d0 fpDamperHighThreshold Default value 0x6c9f (10993664) Purpose High Threshold for exposure for calculating the damper slope Type FLOAT Possible values -8581545984 to 8581545984 (0xffff to 0x7fff) 0x85d2 fpDamperOutput [read only] Default value 0x00 (0.0000) Purpose Minimum possible damper output. Type FLOAT Possible values 0 to 1 (0x0000 to 0x3e00) |