データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T115D-F データシート(PDF) 4 Page - Panasonic Semiconductor

部品番号 T115D-F
部品情報  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-F データシート(HTML) 4 Page - Panasonic Semiconductor

  T115D-F Datasheet HTML 1Page - Panasonic Semiconductor T115D-F Datasheet HTML 2Page - Panasonic Semiconductor T115D-F Datasheet HTML 3Page - Panasonic Semiconductor T115D-F Datasheet HTML 4Page - Panasonic Semiconductor T115D-F Datasheet HTML 5Page - Panasonic Semiconductor T115D-F Datasheet HTML 6Page - Panasonic Semiconductor T115D-F Datasheet HTML 7Page - Panasonic Semiconductor T115D-F Datasheet HTML 8Page - Panasonic Semiconductor T115D-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
T15
2) Screw terminal
Remarks: 1. Of the standard installation accessories that come with the product, the front hex nut and lock washer are included.
2. For UL/C-UL certified products, please add “UL” before “F” at the end of part number when ordering.
4. Wire lead type
Remarks: 1. Standard installation accessories are included with the product.
2. 600 V vinyl wire (VSF, thick: 2 mm2, length: 200 mm) is used. Please inquire about type and different length of lead wire.
3. For UL/C-UL certified products, please add “UL” before “F” at the end of part number when ordering.
5. Accessories
1) Installation accessories (Repair parts)
Remark: A selling unit of each accessory is 10 pieces.
• Using the different rubber caps
We recommend silicon rubber and EP rubber caps for the following applications.
Number of poles
Kind of operation
< >: Momentary position
Screw terminal
Product No.
1-pole
ON-OFF
TD115A-SF
ON-ON
TD115D-SF
ON-OFF-ON
TD115E-SF
ON-<ON>
TD115F-SF
<ON>-OFF-<ON>
TD115G-SF
ON-OFF-<ON>
TD115H-SF
2-pole
ON-OFF
TD215K-SF
ON-ON
TD215N-SF
ON-OFF-ON
TD215P-SF
ON-<ON>
TD215R-SF
<ON>-OFF-<ON>
TD215S-SF
ON-OFF-<ON>
TD215T-SF
Number of poles
Kind of operation
< >: Momentary position
Wire lead type
Product No.
1-pole
ON-OFF
TC115A-F
ON-ON
TC115D-F
ON-OFF-ON
TC115E-F
ON-<ON>
TC115F-F
<ON>-OFF-<ON>
TC115G-F
ON-OFF-<ON>
TC115H-F
2-pole
ON-OFF
TC215K-F
ON-ON
TC215N-F
ON-OFF-ON
TC215P-F
ON-<ON>
TC215R-F
<ON>-OFF-<ON>
TC215S-F
ON-OFF-<ON>
TC215T-F
Product name
Standard installation accessories
Optional installation
accessories
Front hex nut
(Nickel plated)
Back hex nut
(Uni-chrome plated)
Keying washer
Lock washer
Front Knurl nut
(Nickel plated)
Dimensions
(mm)
Part No.
AJ3081
AJ3082
AJ3083
AJ3084
AJ3080
14
(16.17)
2.3
M12 x 1
14
(16.17)
2.3
M12 x 1
2.8
18.2 dia.
12.3 dia.
2.4
9.7
1
15.6 dia.
12.3 dia.
0.5
1
15 dia.
2.4
M12 x 1
1) Silicon rubber caps
• When it is necessary to differentiate by color.
• When using in applications that require resistance to heat and
cold. Ambient temperature: –25
°C to +85°C (EP rubber type is
0
°C to +40°C.)
• When compactness is required.
2) EP rubber type
When cost is the primary consideration.
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com