データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T115D-F データシート(PDF) 15 Page - Panasonic Semiconductor

部品番号 T115D-F
部品情報  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-F データシート(HTML) 15 Page - Panasonic Semiconductor

Back Button T115D-F Datasheet HTML 9Page - Panasonic Semiconductor T115D-F Datasheet HTML 10Page - Panasonic Semiconductor T115D-F Datasheet HTML 11Page - Panasonic Semiconductor T115D-F Datasheet HTML 12Page - Panasonic Semiconductor T115D-F Datasheet HTML 13Page - Panasonic Semiconductor T115D-F Datasheet HTML 14Page - Panasonic Semiconductor T115D-F Datasheet HTML 15Page - Panasonic Semiconductor T115D-F Datasheet HTML 16Page - Panasonic Semiconductor T115D-F Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
T15
MOUNTING DIMENSIONS
Remark: For panel installations of standard type, be use to use the back hex nut.
2. Rocker type
3. Push-button type
Remark: For panel installations of standard type, be use to use the back hex nut.
Type
Panel-sealed, Terminal-sealed
and Wire leads types
Panel cutout
(mm)
Panel thickness
Max. 4 mm
Max. 4 mm
(without keying washer)
Type
Standard type
Panel-sealed, Terminal-sealed and Wire leads types
Panel cutout
(mm)
Panel thickness
Max. 4.5 mm
1.2 to 3.2 mm
Type
Standard type
Panel-sealed type
Panel cutout
(mm)
Panel thickness
Momentary, 1-pole:
Max. 10 mm
Momentary, 2-pole:
Max. 6.5 mm
Alternate: Max. 6.5 mm
Momentary, 1-pole:
Max. 10 mm
Momentary, 2-pole:
Max. 7.5 mm
Alternate: Max. 7.5 mm
(without keying washer)
Momentary, 1-pole:
Max. 11 mm
Momentary, 2-pole:
Max. 7.5 mm
Alternate: Max. 7.5 mm
(without keying washer)
Max. 4 mm
Max. 4 mm
(without keying washer)
1. Toggle type
Type
Standard type
Panel cutout
(mm)
Panel thickness
Max. 4.6 mm
Max. 5.6 mm
(without keying washer)
Max. 5.6 mm
(without keying washer)
12.5 dia.
3
dia.
+0.2
0
9.2±0.1
12.5 dia.
12.3 dia.
11.5
1.5
Front hex nut
Keying washer
Lock washer
Back hex nut
12.5 dia.
11.2
12.5 dia.
2-3.5±0.1 dia.
38±0.3
28+0.3
0
14.5+0.3
0
1 pole
2-pole
34.2±0.1
34.2±0.1
17.2±0.1
22.2±0.1
12.5 dia.
3 dia.
9
12.5 dia.
12.3 dia.
11.5
1.5
12.5 dia.
11.2
12.5 dia.
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com