データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T115D-F データシート(PDF) 9 Page - Panasonic Semiconductor

部品番号 T115D-F
部品情報  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-F データシート(HTML) 9 Page - Panasonic Semiconductor

Back Button T115D-F Datasheet HTML 5Page - Panasonic Semiconductor T115D-F Datasheet HTML 6Page - Panasonic Semiconductor T115D-F Datasheet HTML 7Page - Panasonic Semiconductor T115D-F Datasheet HTML 8Page - Panasonic Semiconductor T115D-F Datasheet HTML 9Page - Panasonic Semiconductor T115D-F Datasheet HTML 10Page - Panasonic Semiconductor T115D-F Datasheet HTML 11Page - Panasonic Semiconductor T115D-F Datasheet HTML 12Page - Panasonic Semiconductor T115D-F Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
T15
2. Panel-sealed type
1) Solder terminal
2) Screw terminal
Remarks: 1. Please use switch body with a color cap (sold separately).
2. Standard installation accessories are included with the product.
3. For UL/C-UL certified products, please add “UL” before “F” at the end of part number when ordering.
3. Color cap for push-button (Option)
4. Installation accessories (Repair parts)
Remark: A selling unit of each accessory is 10 pieces.
Number of poles
Kind of operation
Solder terminal
Product No.
1-pole
Momentary
TBP110F-F
Alternate
TBP115D-F
2-pole
Momentary
TBP210R-F
Alternate
TBP215N-F
Number of poles
Kind of operation
Screw terminal
Product No.
1-pole
Momentary
TBP110F-SF
Alternate
TBP115D-SF
2-pole
Momentary
TBP210R-SF
Alternate
TBP215N-SF
Product name
Standard installation accessories
Standard installation
accessories
Front hex nut
(Nickel plated)
Back hex nut
(Uni-chrome plated)
Keying washer
Lock washer
Front Knurl nut
(Nickel plated)
Dimensions
(mm)
Part No.
AJ3081
AJ3082
AJ3083
AJ3084
AJ3080
With color
cap installed
Switch body
Color cap
(sold separately)
Product name
Color cap
(sold separately)
Dimensions
(mm)
Part No.
WDB1821
∗
11.2
13.2 dia.
Remark: Please specify the color cap color by replacing the asterisk in the part number
with appropriate letter
(B: black; W: white; R: red; Z: dark grey; H: light grey; Y: yellow; G: green; L: blue).
14
(16.17)
2.3
M12 x 1
14
(16.17)
2.3
M12 x 1
2.8
18.2 dia.
12.3 dia.
2.4
9.7
1
15.6 dia.
12.3 dia.
0.5
1
15 dia.
2.4
M12 x 1
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com