データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T115D-F データシート(PDF) 7 Page - Panasonic Semiconductor

部品番号 T115D-F
部品情報  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-F データシート(HTML) 7 Page - Panasonic Semiconductor

Back Button T115D-F Datasheet HTML 3Page - Panasonic Semiconductor T115D-F Datasheet HTML 4Page - Panasonic Semiconductor T115D-F Datasheet HTML 5Page - Panasonic Semiconductor T115D-F Datasheet HTML 6Page - Panasonic Semiconductor T115D-F Datasheet HTML 7Page - Panasonic Semiconductor T115D-F Datasheet HTML 8Page - Panasonic Semiconductor T115D-F Datasheet HTML 9Page - Panasonic Semiconductor T115D-F Datasheet HTML 10Page - Panasonic Semiconductor T115D-F Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
T15
3. Terminal-sealed type
1) Solder terminal, without indication on actuator
2) Screw terminal, without indication on actuator
3) Solder terminal, with ON-OFF indication on actuator
4) Screw terminal, with ON-OFF indication on actuator
Remarks: 1. Please specify the actuator color by replacing the asterisk in the product number and part number with appropriate letter.
B: black; W: white; R: red; Z: dark grey
2. For UL/C-UL certified products, please add “UL” before “F” at the end of part number when ordering.
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
Product No.
1-pole
ON-OFF
TRD115A-
∗F
ON-ON
TRD115D-
∗F
ON-OFF-ON
TRD115E-
∗F
ON-<ON>
TRD115F-
∗F
<ON>-OFF-<ON>
TRD115G-
∗F
ON-OFF-<ON>
TRD115H-
∗F
2-pole
ON-OFF
TRD215K-
∗F
ON-ON
TRD215N-
∗F
ON-OFF-ON
TRD215P-
∗F
ON-<ON>
TRD215R-
∗F
<ON>-OFF-<ON>
TRD215S-
∗F
ON-OFF-<ON>
TRD215T-
∗F
Number of poles
Kind of operation
< >: Momentary position
Screw terminal
Product No.
1-pole
ON-OFF
TRD115A-S
∗F
ON-ON
TRD115D-S
∗F
ON-OFF-ON
TRD115E-S
∗F
ON-<ON>
TRD115F-S
∗F
<ON>-OFF-<ON>
TRD115G-S
∗F
ON-OFF-<ON>
TRD115H-S
∗F
2-pole
ON-OFF
TRD215K-S
∗F
ON-ON
TRD215N-S
∗F
ON-OFF-ON
TRD215P-S
∗F
ON-<ON>
TRD215R-S
∗F
<ON>-OFF-<ON>
TRD215S-S
∗F
ON-OFF-<ON>
TRD215T-S
∗F
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
Product No.
1-pole
ON-OFF
TRD115A-
∗F
2-pole
ON-OFF
TRD215K-
∗F
Number of poles
Kind of operation
< >: Momentary position
Screw terminal
Product No.
1-pole
ON-OFF
TRD115A-S
∗F
2-pole
ON-OFF
TRD215K-S
∗F
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com