データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1/2W. データシート(PDF) 3 Page - Multicomp Pro

部品番号 1/2W.
部品情報  Thick Film Chip Resistors 2010
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1/2W. データシート(HTML) 3 Page - Multicomp Pro

  1/2W. Datasheet HTML 1Page - Multicomp Pro 1/2W. Datasheet HTML 2Page - Multicomp Pro 1/2W. Datasheet HTML 3Page - Multicomp Pro 1/2W. Datasheet HTML 4Page - Multicomp Pro 1/2W. Datasheet HTML 5Page - Multicomp Pro 1/2W. Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Thick Film Chip Resistors
2010
Page <3>
25/09/08 V1.1
Characteristics
Limits
Test Methods (JIS C 5201-1)
Temperature coefficient
0.01
Ω to 0.02Ω ±600 PPM/°C
0.021
Ω to 0.05Ω ±400 PPM/°C
0.051
Ω to 0.5Ω ±300 PPM/°C
0.501
Ω to 1Ω ±200 PPM/°C
Natural resistance change per temperature degree
centigrade
R2-R1/ R1 (t2-t1) x 106 (PPM/°C)
R1
: Resistance value at room temperature (t1)
R2
: Resistance value at room temperature plus
100°C (t2).
Short time overload
Resistance change rate is ±(0.5% + 0.05
Ω)
Permanent resistance change after the application of a
potential of 2.5 times RCWV for 5 seconds.
Insulation resistance
>1,000M
Ω
Apply 500V DC between protective coating and
termination for 1 minimum, then measure.
Dielectric withstanding
voltage
No evidence of flashover mechanical
damage, arcing or insulation break down.
Apply 500V AC between protective coating and
termination for 1 minute.
Terminal bending
±(1.0% + 0.05
Ω)
Twist of test board
: Bending amplitude 3mm for
10 seconds.
Soldering heat
Resistance change rate is ±(0.5% + 0.05
Ω)
Dip the resistor into a solder bath having a
temperature of 260°C ±5°C and hold it for 10 ±1
seconds.
Load life in humidity
Resistance change rate is ±(0.5% + 0.05
Ω)
Resistance change after 1000 hours
(1.5 hours "on", 0.5 hour "off" ) at RCWV
in a humidity chamber controlled at
40°C ±2°C and 90 to 95% relative humidity.
Load Life
Resistance change rate is
±(1.0% + 0.05
Ω)
Permanent resistance change after 1000 hours
operating at RCWV, with duty cycle of
(1.5 hours"on", 0.5 hour"off") at 70°C ±2°C ambient.
Solderability
95% coverage minimum
Test temperature of solder
: 245 ±3°C
Dipping them solder
: 2 to 3 seconds.
Marking on the Resistors:
±1% Tolerance (Low value): 4 Digits, the first is Letter “R” is for decimal point denoted number of zeros. The three digits are
singnificant figures of resistance.
R220
0.22
Ω
R250
0.25
Ω
Performance specifications



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com