データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1/2W. データシート(PDF) 1 Page - Multicomp Pro

部品番号 1/2W.
部品情報  Thick Film Chip Resistors 2010
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1/2W. データシート(HTML) 1 Page - Multicomp Pro

  1/2W. Datasheet HTML 1Page - Multicomp Pro 1/2W. Datasheet HTML 2Page - Multicomp Pro 1/2W. Datasheet HTML 3Page - Multicomp Pro 1/2W. Datasheet HTML 4Page - Multicomp Pro 1/2W. Datasheet HTML 5Page - Multicomp Pro 1/2W. Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thick Film Chip Resistors
2010
Page <1>
25/09/08 V1.1
Specification Table
Ambient temperature (°C)
Power Rating:
Resistors shall have a power rating based on continuous load operation at an ambient temperature of 70°C. For temperature in
excess of 70°C, The load shall be derate.
Derating Curve
Type
Power Rating
(W)
Temperature Range
(°C)
Ambient Temperature
(°C)
Resistance Range
(
Ω
Ω)
RMC 2010
0.5 (1/2)
-55° to +155°
70
0.01 to 1
Nominal Resistance
Effective figures of nominal resistance shall be in accordance with E-24, E-96 and E-192 series. E-96 for 1%, E-24 series for 2%, 5%,
10% and E-192 for 0.5%, 0.25%, 0.1% .


同様の部品番号 - 1/2W.

メーカー部品番号データシート部品情報
logo
3M Electronics
1/2-5-850R 3M-1/2-5-850R Datasheet
21Kb / 2P
Polyester Film Tape
Aug-2013
logo
KOA Speer Electronics, ...
1/2CL10A KOA-1/2CL10A Datasheet
658Kb / 4P
POWER TYPE
Oct. 2020
1/2CM10C KOA-1/2CM10C Datasheet
658Kb / 4P
POWER TYPE
Oct. 2020
1/2CM10F KOA-1/2CM10F Datasheet
658Kb / 4P
POWER TYPE
Oct. 2020
logo
Santronics Inc
1/2KDES550 SCS-1/2KDES550 Datasheet
405Kb / 1P
DESICCANT - TYVEK® OR KRAFT PAPER POUCH
September 2017
More results

同様の説明 - 1/2W.

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPFX1202 ROHM-MCR03EZPFX1202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com