データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20CX データシート(PDF) 69 Page - STMicroelectronics

部品番号 ST20CX
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX データシート(HTML) 69 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 65Page - STMicroelectronics ST20CX Datasheet HTML 66Page - STMicroelectronics ST20CX Datasheet HTML 67Page - STMicroelectronics ST20CX Datasheet HTML 68Page - STMicroelectronics ST20CX Datasheet HTML 69Page - STMicroelectronics ST20CX Datasheet HTML 70Page - STMicroelectronics ST20CX Datasheet HTML 71Page - STMicroelectronics ST20CX Datasheet HTML 72Page - STMicroelectronics ST20CX Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 212 page
background image
devsw
69/212
®
devsw
device store word
Code: 2F F5
Description: Perform a device write from memory, a memory-mapped device or a
peripheral. Store Breg into the word of memory addressed by Areg. The memory
access performed by this instruction is guaranteed to be correctly sequenced with
respect to other device-access instructions. Also the instruction is guaranteed to be
executed after all normal memory store instructions that appear before it in the code
sequence, and before all normal memory stores that appear after it.
Definition:
if (PeripheralStart
≤ Areg ≤ PeripheralEnd)
PeripheralWord
′[Areg] ← Breg
else
word
′[Areg] ← Breg
Areg
′← Creg
Breg
′← undefined
Creg
′← undefined
Error signals: none
Comments:
Secondary instruction.
See also:
devlw devsb devss stnl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More