データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20CX データシート(PDF) 95 Page - STMicroelectronics

部品番号 ST20CX
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX データシート(HTML) 95 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 91Page - STMicroelectronics ST20CX Datasheet HTML 92Page - STMicroelectronics ST20CX Datasheet HTML 93Page - STMicroelectronics ST20CX Datasheet HTML 94Page - STMicroelectronics ST20CX Datasheet HTML 95Page - STMicroelectronics ST20CX Datasheet HTML 96Page - STMicroelectronics ST20CX Datasheet HTML 97Page - STMicroelectronics ST20CX Datasheet HTML 98Page - STMicroelectronics ST20CX Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 212 page
background image
jn
95/212
®
j n
jump
Code: Function 0
Description: Unconditional relative jump. The destination of the jump is expressed as
a byte offset from the first byte after the current instruction.
j 0 causes a breakpoint.
Definition:
if (n = 0)
Take a breakpoint trap
else
Iptr
′← next instruction + n
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals:
j 0 can cause a breakpoint trap to be signalled.
Comments:
Primary instruction.
Instruction is a descheduling point.
Instruction is a timeslicing point.
See also:
cj lend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More