データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20CX データシート(PDF) 19 Page - STMicroelectronics

部品番号 ST20CX
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX データシート(HTML) 19 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 15Page - STMicroelectronics ST20CX Datasheet HTML 16Page - STMicroelectronics ST20CX Datasheet HTML 17Page - STMicroelectronics ST20CX Datasheet HTML 18Page - STMicroelectronics ST20CX Datasheet HTML 19Page - STMicroelectronics ST20CX Datasheet HTML 20Page - STMicroelectronics ST20CX Datasheet HTML 21Page - STMicroelectronics ST20CX Datasheet HTML 22Page - STMicroelectronics ST20CX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 212 page
background image
19/212
®
The length of the object that stores a signed integer can be increased (i.e. the object
size can be increased). This operation is known as ‘sign extension’. The extra bits that
are allocated for the larger object, are meaningful to the value of the signed integer.
They must therefore be set to the appropriate value. The value for all these extra bits
is in fact the same as the value of the most significant bit - i.e. the sign bit - of the
smaller object. The ST20 provides instructions that sign extend byte and half-word to
word, and 32 bits to 64 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More